Part Number Hot Search : 
UR202 RDAT212 OMXXX D71054GB ADSP2195 SGP12A MJE180 40ST8
Product Description
Full Text Search
 

To Download MUR152006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20895 rev. A 02/06
MUR1520PbF
Ultrafast Rectifier
Features
* * * * * Ultrafast Recovery Time Low Forward Voltage Drop Low Leakage Current 175C Operating Junction Temperature Lead-Free ("PbF" suffix)
trr = 35ns IF(AV) = 15Amp VR = 200V
Description/ Applications International Rectifier's MUR.. series are the state of the art Ultra fast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultra fast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as free-wheeling diode in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
Absolute Maximum Ratings Parameters
VRRM IF(AV) IFSM IFM TJ, TSTG Peak Repetitive Peak Reverse Voltage Average Rectified Forward Current Total Device, (Rated V R ), TC = 150C Non Repetitive Peak Surge Current Peak Repetitive Forward Current (Rated V R , Square wave, 20 KHz), TC = 150C Operating Junction and Storage Temperatures -65 to 175 C 200 30
Max
200 15
Units
V A
Case Styles
MUR1520PbF
Base Cathode
1
3
Cathode
Anode
TO-220AC
www.irf.com
1
MUR1520PbF
Bulletin PD-20895 rev. A 02/06
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
200 55 8.0 1.05 0.85 10 500 V V V A A pF nH IR = 100A IF = 15A IF = 15A, TJ = 150C VR = VR Rated TJ = 150C, VR = VR Rated VR = 200V Measured lead to lead 5mm from package body .
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
22 39 1.6 4.1 19 90 35 nC A ns IF = 1.0A, diF/dt = 50A/s, VR = 30V TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 15A VR = 160V diF /dt = 200A/s
IRRM
Peak Recovery Current
-
Qrr
Reverse Recovery Charge
-
Thermal - Mechanical Characteristics
Parameters
TJ TStg RthJC RthJA RthCS Wt Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heatsink Weight
Min
- 65 - 65 -
Typ
0.5 2.0 0.07 -
Max
175 175 1.5 50 12 10
Units
C
C/ W
g (oz) Kg-cm lbf.in
Mounting Torque
6.0 5.0
Marking Device
Mounting Surface, Flat, Smooth and Greased
MUR1520
2
www.irf.com
MUR1520PbF
Bulletin PD-20895 rev. A 02/06
100
1000
T = 175C J
(A)
100
150C 125C 100C
Reverse Current - I
R
10
1
Instantaneous Forward Current - I F (A)
10
TJ = 175C T = 150C J T = 25C J
0.1
25C
0.01 0 50 100 150 200 250
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
1000
1
Junction Capacitance - C T (pF)
T = 25C J
100
0.1 0 0.3 0.6 0.9 1.2 Forward Voltage Drop - VFM (V) 1.5
10 1 10 100 1000
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
Fig. 1 - Typical Forward Voltage Drop Characteristics
10
Thermal Impedance Z thJC (C/W)
1
0.1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01
Notes:
PDM
t1 t2
Single Pulse (Thermal Resistance)
1. Duty factor D = t1 / t2 2. Peak Tj = Pdm x ZthJC+ Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
www.irf.com
3
MUR1520PbF
Bulletin PD-20895 rev. A 02/06
180
Allowable Case Temperature (C) Average Power Loss ( Watts )
25
170
DC
20
RMS Limit
160
15
D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5 DC
150 Square wave (D = 0.50)
Rated Vr applied
10
140
see note (2)
5
130 0 5 10 15 20 25 Average Forward Current - IF(AV) (A)
0 0 5 10 15 20 25
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
60
IF = 30 A IF = 15 A IF = 8 A
200
VR = 160V TJ = 125C TJ = 25C
50
160
IF = 30 A IF = 15 A IF = 8 A
trr ( nC )
Qrr ( nC )
VR = 160V TJ = 125C TJ = 25C
40
120
30
80
20
40
10 100
di F /dt (A/s )
1000
0 100
di F /dt (A/s )
1000
Fig. 7 - Typical Reverse Recovery vs. di F /dt
Fig. 8 - Typical Stored Charge vs. di F /dt
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = V R1 x IR (1 - D); IR @ VR1 = rated VR
4
www.irf.com
MUR1520PbF
Bulletin PD-20895 rev. A 02/06
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T.
diF /dt dif/dt ADJUST G
D IRFP250 S
Fig. 9- Reverse Recovery Parameter Test Circuit
3
IF 0
t rr ta tb
4
2
Q rr I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
diF /dt f
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
Fig. 10 - Reverse Recovery Waveform and Definitions
www.irf.com
5
MUR1520PbF
Bulletin PD-20895 rev. A 02/06
Outline Table
Conforms to JEDEC Outline TO-220AC
Part Marking Information
IRXC Assembly Line EXAMPLE: THIS IS A MUR1520 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO DATE CODE ASSEMBLY LOT CODE P = LEAD-FREE YEAR 1 = 2001 WEEK 19 LINE C PART NUMBER
IRMX Assembly Line EXAMPLE: THIS IS A MUR1520 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO
PART NUMBER
DATE CODE ASSEMBLY LOT CODE YEAR 1 = 2001 WEEK 19 P = LEAD-FREE
6
www.irf.com
MUR1520PbF
Bulletin PD-20895 rev. A 02/06
Ordering Information Table
Device Code
MUR 15
1 2
20
3
PbF
4
1 2 4 3 4
-
Ultrafast MUR Series Current Rating (15 = 15A) Voltage Rating (20 = 200V) none = Standard Production PbF = Lead-Free
Tube Standard Pack Quantity: 50 pieces
MUR1520 ******************************************** * SPICE Model Diode * ******************************************** .SUBCKT MUR1520 ANO CAT D1 ANO 1 CAT *Define diode model .MODEL DMOD D Is=16.9E-09 N=1.332 Rs=4.439E-03 Ikf=.232 Xti=2 Eg=1.11 Cjo=700.3E-09 M=.3715 Vj=.1784 Fc=.5 Isr=1.389E-09 Nr=3.002 Bv=270 Ibv=95.79E-6 Tt=10.49E-9) ******************************************** .ENDS MUR1520 Thermal Model Subcircuit .SUBCKT MUR1520 5 1 CTHERM1 CTHERM2 CTHERM3 CTHERM4 RTHERM1 RTHERM2 RTHERM1 RTHERM1 5 4 3 2 5 4 3 2 4 3 2 1 4 3 2 1 2.23E+01 1.23E+02 3.35E+02 4.75E+02 7.55E-01 5.90E-02 1.01E-01 5.43E-02
.ENDS MUR1520
www.irf.com
7
MUR1520PbF
Bulletin PD-20895 rev. A 02/06
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 02/06
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of MUR152006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X